Part Number Hot Search : 
30BF20TR NTE1224 IRF7205 MP4513 MT8815 E1504AD S505TXR TC74H
Product Description
Full Text Search
 

To Download SB2H100-E3-54 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  document number: 88718 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 04-aug-09 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 1 high-voltage schottky rectifier high barrier technology for improv ed high temperature performance sb2h90, sb2h100 vishay general semiconductor new product features ? guardring for overvoltage protection ? low power losses and high efficiency ? low forward voltage drop ? low leakage current ? high forward surge capability ? high frequency operation ? solder dip 275 c max. 10 s, per jesd 22-b106 ? aec-q101 qualified ? compliant to rohs directive 2002/95/ec and in accordance to weee 2002/96/ec typical applications for use in middle voltage high frequency inverters, freewheeling, dc-to-dc conver ters and polarity protection applications. mechanical data case: do-204ac (do-15) molding compound meets ul 94 v-0 flammabi lity rating base p/n-e3 - rohs compliant, commercial grade base p/nhe3 - rohs compli ant, aec-q101 qualified terminals: matte tin plated leads, solderable per j-std-002 and jesd 22-b102 e3 suffix meets jesd 201 cla ss 1a whisker test, he3 suffix meets jesd 201 class 2 whisker test polarity: color band denotes the cathode end primary characteristics i f(av) 2.0 a v rrm 90 v, 100 v i fsm 75 a v f 0.65 v i r 10 a t j max. 175 c do-204ac (do-15) maximum ratings (t a = 25 c unless otherwise noted) parameter symbol sb2h90 sb2h100 unit maximum repetitive pe ak reverse voltage v rrm 90 100 v working peak reverse voltage v rwm 90 100 v maximum dc blocking voltage v dc 90 100 v maximum average forward rectified current at t a = 25 c i f(av) 2.0 a peak forward surge current 8. 3 ms single ha lf sine-wave superimposed on rated load i fsm 75 a peak repetitive reverse surge current at t p = 2.0 s, 1 khz i rrm 1.0 a critical rate of rise of reverse voltage dv/dt 10 000 v/s storage temperature range t stg - 55 to + 175 c maximum operating junction temperature t j 175 c
www.vishay.com for technical qu estions within your region, please contact one of the fo llowing: document number: 88718 2 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com revision: 04-aug-09 sb2h90, sb2h100 vishay general semiconductor new product notes (1) pulse test: 300 ms pulse width, 1 % duty cycle (2) pulse test: pulse width 40 ms note (1) p.c.b. mounted with 0.2" x 0.2" (5.0 mm x 5.0 mm ) copper pad areas note (1) aec-q101 qualified ratings and characteristics curves (t a = 25 c unless otherwise noted) fig. 1 - forward current derating curve fig. 2 - typical instantaneous forward characteristics electrical characteristics (t a = 25 c unless otherwise noted) parameter test conditions symbol sb2h90 sb2h100 unit maximum instantaneous forward voltage i f = 2.0 a t j = 25 c v f (1) 0.79 v t j = 125 c 0.65 maximum reverse current at rated v r t j = 25 c i r (2) 10 a t j = 125 c 4.0 ma thermal characteristics (t a = 25 c unless otherwise noted) parameter symbol sb2h90 sb2h100 unit typical thermal resistance r ja (1) 45 c/w r jl (1) 14 ordering information (example) preferred p/n unit weight (g) preferred package code ba se quantity delivery mode sb2h100-e3/54 0.398 54 4000 13" diameter paper tape and reel sb2h100-e3/73 0.398 73 2000 ammo pack packaging sb2h100he3/54 (1) 0.398 54 4000 13" diameter paper tape and reel sb2h100he3/73 (1) 0.398 73 2000 ammo pack packaging 0 3.0 4.0 50 25 0 75 100 125 150 175 average forward current (a) ambient temperature (c) 2.0 1.0 200 0.2 0 0.4 0.8 1.0 0.01 0.1 10 1 instantaneous forward current (a) instantaneous forward voltage (v) 1.2 0.6 1.4 100 t j = 100 c t j = 175 c t j = 150 c t j = 125 c t j = 25 c
document number: 88718 for technical ques tions within your region, please cont act one of the following: www.vishay.com revision: 04-aug-09 diodesamericas@vishay.com , diodesasia@vishay.com , diodeseurope@vishay.com 3 sb2h90, sb2h100 vishay general semiconductor new product fig. 3 - typical reverse characteristics fig. 4 - typical j unction capacitance fig. 5 - typical transient thermal impedance package outline dimensions in inches (millimeters) 20 60 40 100 80 in s tantaneou s rever s e current (a) percent of rated peak rever s e voltage (%) 0.1 0.01 1 10 000 100 10 1000 t j = 150 c t j = 125 c t j = 25 c t j = 100 c rever s e voltage (v) junction capacitance (pf) 0.1 10 1 100 100 1000 10 10 000 0.01 10 1 100 10 100 0.1 1 t - pul s e duration ( s ) tran s ient thermal impedance (c/w) do-204ac (do-15) 0.034 (0.86) 0.028 (0.71) dia. 0.140 (3.6) 0.104 (2.6) dia. 1.0 (25.4) min. 0.300 (7.6) 0.230 (5.8) 1.0 (25.4) min.
document number: 91 000 www.vishay.com revision: 11-mar-11 1 disclaimer legal disclaimer notice vishay all product, product specifications and data ar e subject to change without notice to improve reliability, function or design or otherwise. vishay intertechnology, inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectivel y, vishay), disclaim any and all liability fo r any errors, inaccuracies or incompleteness contained in any datasheet or in any o ther disclosure relating to any product. vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or the continuing production of any product. to the maximum extent permitted by applicab le law, vishay disc laims (i) any and all liability arising out of the application or use of any product, (ii) any and all liability, incl uding without limitation specia l, consequential or incidental dama ges, and (iii) any and all impl ied warranties, including warran ties of fitness for particular purpose, non-infringement and merchantability. statements regarding the suitability of pro ducts for certain types of applications are based on vishays knowledge of typical requirements that are often placed on vishay products in gene ric applications. such statements are not binding statements about the suitability of products for a partic ular application. it is the customers responsibility to validate that a particu lar product with the properties described in th e product specification is su itable for use in a particul ar application. parameters provided in datasheets an d/or specifications may vary in different applications and perfo rmance may vary over time. all operating parameters, including typical pa rameters, must be validated for each customer application by the customers technical experts. product specifications do not expand or otherwise modify vishays term s and conditions of purchase, including but not limited to the warranty expressed therein. except as expressly indicated in writing, vishay products are not designed for use in medical, life-saving, or life-sustaining applications or for any other application in which the failure of the vishay product co uld result in person al injury or death. customers using or selling vishay products not expressly indicated for use in such applications do so at their own risk and agr ee to fully indemnify and hold vishay and it s distributors harmless from and against an y and all claims, liabilities, expenses and damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that vis hay or its distributor was negligent regarding the design or manufact ure of the part. please contact authorized vishay personnel t o obtain written terms and conditions regarding products designed fo r such applications. no license, express or implied, by estoppel or otherwise, to any intelle ctual property rights is gran ted by this document or by any conduct of vishay. product names and markings noted herein may be trademarks of their respective owners.


▲Up To Search▲   

 
Price & Availability of SB2H100-E3-54

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X